Part Number Hot Search : 
FQA24N50 74LV14N SN68120 SLE4441C 505ZC B75N0 91024 CRO2273A
Product Description
Full Text Search
 

To Download ATS-01A-117-C1-R0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fin pitch fin type hole pattern pushpin? heat sink assembly for illustration purposes only. ats part#: description: heat sink type: heat sink attachment: features & benefts bill of material qty heat sink: push pin: springs: for further technical information, please contact advanced thermal solutions, inc. 89-27 access road, norwood, ma 02062 usa | t: 781.769. 2800 f: 781.769.9979 | www.qats.com r2-0917 notes: thermal performance air velocity - lfm (m/s) 100 (0.5) 200 (1.0) 300 (1.5) 400 (2.0) 500 (2.5) 600 (3.0) 700 (3.5) thermal resistance c/w unducted flow ducted flow product detail p/n dimensions push pin spring tim finish a b c e f for illustration purposes only. ATS-01A-117-C1-R0 pushpin? hs asmbly,coarse-pitch,xcut, hole pattern:4-corner,blue,no tim pushpin? heat sink assembly pushpin? / spring kit ats-cpx045045010-117-c1-r0 1 ats-pp-01 2 ats-pps-01 2 10.46 5.76 4.51 3.88 3.47 3.18 2.95 4.95 3.65 3.08 2.72 2.48 2.29 2.14 coarse- pitch xcut 4-corner quick attachment ? push pins feature a flexible barb at the end designed to engage with pre-drilled holes in a pcb. ? compression springs add the necessary force to hold the assembly together for secure attachment. select from over 21 different springs to achieve precise force required. ? push pin material available in brass or plastic in 10 sizes ranging from 9- 20mm in length. stainless steel hardware kit available for more secure attachment. visit www.qats.com for available options. ? heat sinks designed for all airflow conditions. select from over 112 fine pitch hs designed for high velocity air flows and 98 course pitch hs designed for low velocity air flow conditions. ? pre-assembled with phase-changing material for increased thermal performance. double-sided thermal tape and no tim options available to meet application-specific requirements. ? lightweight, aluminum hs extruded from al6063 provide optimal heat transfer with a blue anodized finish. ? all components are rohs and reach compliant. ? industry standard hole pattern. recommended through hole size is 3.175mm ? ATS-01A-117-C1-R0 45 45 10 38 38 ats-pp-01 ats-pps-01 no tim blue anodized dimension a is the length of the heat sink in the direction of the flow. 1) dimension b is the width of the heat sink perpendicular to the flow direction. 2) dimension c is the heat sink height from the bottom of the base to the top of the fin field. 3) dimension e is the distance between holes perpendicular to the direction of flow. 4) dimension f is the distance between holes in the direction of flow. 5) thermal performance data are provided for reference only. actual performance may vary by application. 6) ats reserves the right tp update or change its products without notice to improve the design or performance. 7) ats certifies that this heat sink assemby is rohs-6 and reach compliant. 8) contact ats to learn about custom options available. 9)


▲Up To Search▲   

 
Price & Availability of ATS-01A-117-C1-R0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X